PART |
Description |
Maker |
3412.0117.XX 3412.0123.XX 3412.0120.XX 3412.0113.X |
SUPER FAST BLOW ELECTRIC FUSE, 4A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT USF 0603 FUSE 1.5A USF 0603 FUSE 1A USF 0603 FUSE 3.5A SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
|
Schurter Inc.
|
0460.375UR 0460.500ER 0460.750ER 0460.750UR 046000 |
Surface Mount Fuses PICO? SMF Fuse > 460 Series Surface Mount Fuses PICO SMF Fuse > 460 Series 460 Series PICO? Slo-Blo? Surface Mount Fuse The 460 Series Slo-Blo? SMF is based on Littelfuse PICO? fuse through-hole technology, though offered in a surface mount package.
|
Littelfuse
|
FCC32162ADB FCC16401ABTP FCC16631ABB FCC20631ADB F |
FAST BLOW ELECTRIC FUSE, 1.6A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.4A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1A, 24VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 24VDC, 35A (IR), SURFACE MOUNT
|
|
7010.9900.57 7010.9903.03 7010.9901.55 7010.9902.0 |
VERY FAST BLOW ELECTRIC FUSE, 0.063A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT
|
SCHURTER INC
|
20302.5 203 203.250 203.500 203.750 203001 203002 |
MB 39C 37#20 2#16 SKT RECP Surface Mount Fuses - Subminiature Surface Mount & Dip Types Surface Mount Fuse - Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
TR/3216FF-1.5A TR1/3216FF-1.5A SP/3216FF-1.5A TR/3 |
FAST BLOW ELECTRIC FUSE, 2A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT Fuse 保险 FAST BLOW ELECTRIC FUSE, 3A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2.5A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. Data Delay Devices, Inc.
|
OMF-125 |
Surface Mount Fuse
|
Schurter
|
TR2/1025FA5-R TR2/1025FA3.5-R |
FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT Brick?Fuses 1025FA Series, Fast-Acting
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
447P 446P 0446002 0446003 0446004 0446005 0446010 |
350 Volt Surface Mount Fuse
|
LITTELFUSE[Littelfuse]
|
C1Q12 |
Surface Mount Very Fast-Acting Chip Fuse
|
Bel Fuse Inc.
|
C1S12 |
Surface Mount Slow Blow Chip Fuse
|
Bel Fuse Inc.
|
|